Part Number Hot Search : 
D4G0405S 27C040 AD8602AR J120CA AD600AQ USTB3 LTC4412 04605
Product Description
Full Text Search
 

To Download SRR0618-6R8ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
Available in E6 series Low unit height of 1.8 mm High current RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
PL
SRR0618 Series - Shielded Power Inductors
Electrical Specifications
Inductance 100kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (kHz) SRF Nom. (MHz) RDC Max. () I rms Typ. (A) I sat Typ. (A)
SRR0618-2R2ML SRR0618-3R3ML SRR0618-4R7ML SRR0618-6R8ML SRR0618-100ML SRR0618-150ML SRR0618-220ML SRR0618-330ML SRR0618-470ML SRR0618-680ML SRR0618-101ML
2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0

20 20 20 20 20 20 20 20 20 20 20
30 30 30 30 30 30 30 30 30 30 30
100 100 100 100 100 100 100 100 100 100 100
95 70 65 50 45 35 25 22 20 15 13
0.05 0.07 0.10 0.15 0.22 0.31 0.46 0.68 1.10 1.50 2.30
1.70 1.40 1.05 0.95 0.82 0.60 0.47 0.43 0.36 0.30 0.23
2.10 1.75 1.45 1.18 0.98 0.76 0.60 0.53 0.44 0.37 0.27
General Specifications Test Voltage .................................0.1 Volt Reflow Soldering .....230 C, 50 sec max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ................................260 C for 10 sec. Materials Core Material...........................Ferrite DR Wire ............................Enameled Copper Base .....................................Ferrite Core Terminal.....................................Cu/Ni/Sn Rated Current ...Ind. drop 50 % typ at I sat Temperature Rise .40 C max at rated I rms Packaging.....................800 pcs. per reel Product Dimensions
Recommended Layout
4.20 (.165) 4 REF. 2.15 3 (.085) 4.20 (.165) REF. 2.15 (.085) 3
REF.
REF.
5.00 0.3 (.197 .012) 4 3
REF.
2.90 (.114)
REF.
2.90 (.114)
2R2
1
5.00 0.3 (.197 .012)
1
2 2.15 (.085) REF. 1.20 (.047)
1
2 0.6 TYP. (.024)
2.15 (.085) REF. 1.80 REF. (.071) 1.20 REF. (.047)
DIMENSIONS:
MM (INCHES)
REF.
3.0 (.118) 1.50 0.10 (.059 .004)
Electrical Schematic
2R2 ~ 6R8 100 ~ 101 1 4
TYP. 0.25 (.001)
6.30 0.3 (.248 .012)
1 LCR
3
2 LCR
3
90
1.25 (.049) TYP.
3.50 (.138) TYP.
1.80 0.15 (.071 .006) 1.25 (.049) TYP.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRR0618 Series - Shielded Power Inductors
Packaging Specifications
2.0 0.5 (.079 .020)
178 (7.00) DIA.
18.4 (.724) THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
21 0.8 (.827 .039)
13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER 14.0 (.551) 12.0 (.472)
END
12.0 (.472)
4 (.157)
START
2R2
2R2
2R2
2R2
8 (.315)
NO COMPONENT NO COMPONENT COMPONENTS
DIMENSIONS:
MM (INCHES)
160 (6.299)
390 (15.354)
USER DIRECTION OF FEED
QTY: 800 PCS. PER REEL
REV. 03/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRR0618-6R8ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X